PART |
Description |
Maker |
R6200230 R6202250 R6201050 R6201850 R6201040 R6200 |
500 A, 400 V, SILICON, RECTIFIER DIODE General Purpose Rectifier (300-500 Amperes Average 2400 Volts) 通用整流器(300-500安培平均2400伏特 300 A, 2200 V, SILICON, RECTIFIER DIODE HERMETIC SEALED PACKAGE-2 300 A, 1200 V, SILICON, RECTIFIER DIODE 300 A, 200 V, SILICON, RECTIFIER DIODE
|
Powerex Power Semicondu... POWEREX INC Powerex, Inc. POWEREX[Powerex Power Semiconductors] Powerex Power Semiconductor...
|
F12C40 F12C60 F12C30 F12C50 |
POWER RECTIFIERS(12A,300-600V) 大功率整流器(第12A ,300 - 600V的)
|
Mospec Semiconductor, Corp. MOSPEC SEMICONDUCTOR CORP. MOSPEC[Mospec Semiconductor]
|
6ES7-332-5HD01-0AB0 |
S7-300/M7-300 Programmable Controllers Module
|
Simatic
|
MUR1660CT MUR1640CT MUR1630CT |
16 Amp Super Fast Glass Pass ivated Rectifier 300 to 600 Volts 16 A, 300 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Micro Commercial Components, Corp. Micro Commercial Components Corp.
|
SL24T1G |
300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections 300 W, UNIDIRECTIONAL, SILICON, TVS DIODE, TO-236
|
ON Semiconductor
|
NE3002VA10A NE3002-VA10A A5800218 |
Near edge thermal printhead (300 dots / inch) 近边的热打印头(300英寸 From old datasheet system Thermal Printheads > Fro Plastic Card > NE200*-, 300*-VA@ Series
|
Rohm Co., Ltd. Rohm CO.,LTD. ROHM[Rohm]
|
APT30M40LVFR APT30M40B2VFR APT30M40B2VFRG |
Power FREDFET; Package: T-MAX™ [B2]; ID (A): 76; RDS(on) (Ohms): 0.04; BVDSS (V): 300; 76 A, 300 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET POWER MOS V FREDFET
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
R6221630 R6220830 R6221230 R6221030 R6220430 R6220 |
Fast Recovery Rectifier (300 Amperes Average 1600 Volts) 300 A, 1200 V, SILICON, RECTIFIER DIODE
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
HFBR-5203 HFBR-5203T |
800 nm 300 m,ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style(800 nm 300 m,应用于SONET OC-3/SDH STM-1的ATM多模式光收发器(低价x9 封装类型
|
Agilent(Hewlett-Packard)
|
SL15T1 SL05T3 SL24T3 SL15T3 SL05T1 SL24T1 |
300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections 300 W, UNIDIRECTIONAL, SILICON, TVS DIODE, TO-236 300 Watt SOT-23 Low Capacitance TVS for High Speed Line Protections From old datasheet system
|
ONSEMI[ON Semiconductor]
|
AD9751-EB AD9751AST |
10-Bit, 300 MSPS High-Speed TxDAC D/A Converter PARALLEL, WORD INPUT LOADING, 0.011 us SETTLING TIME, DAC WITH PROGRAMMABLE PLL, PQFP48 10-Bit/ 300 MSPS High-Speed TxDAC D/A Converter
|
Analog Devices, Inc.
|